Part Number Hot Search : 
FR304G MAX4372 10202 MUR7060 D20LC20 KSD5064 4HC373D 250961B
Product Description
Full Text Search
 

To Download 5KP120A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
5000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
5KP Series
(R)
The 5KP Series is designed specifically to protect sensitive electronics equipment from voltage transients induced by lightning and othertransient voltage events. These devices are ideal for the protection of I/O interfaces, Vcc bus and other vulnerable circuits used in automotive, industrial and consumer electronic applications.
FEATURES
* RoHS Compliant * 5.0 to 220 Volts * Glass passivated chip junction * Uni-directional and Bi-directional * 5000W Peak Pulse Power capability on 10/1000s waveform * Excellent clamping capability * Repetition rate (duty cycle): 0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0ps
MAXIMUM RATINGS AND CHARACTERISTICS @25C AMBIENT TEMPERATURE (unless otherwise noted)
RATING Peak Pulse Power Dissipation on 10/1000s waveform(Note 1, FIG. 1) Peak Pulse Current of on 10/1000s waveform (Note 1, FIG. 3) Steady State Power Dissipation at TL=75C, Lead lengths .375", (9.5mm)(Note 2) Peak Forward Surge Current, 8.3ms 400 Single Half Sine-Wave Superimposed IFSM on Rated Load, (JEDEC Method) (Note 3) Operating junction and Storage Tj, TSTG -55 to +175 Temperature Range Amps SYMBOL PPPM IPPM VALUE Min 5000 SEE TABLE 1 8 UNIT Watts
from 0 Volts to BV
* Typical IR less than 1A for VBR>=10V * High temperature soldering guaranteed: 265C/10
seconds/.375"(9.5mm) lead length, 5lbs., (2.3kg) tension
Amps Watts
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
PM(AV)
Agency File Number: E128662
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA= 25C per Fig.2 2. Mounted on Copper Pad area of 0.8x0.8"(20x20mm) per Fig.5. 3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle= 4 pulses per minutes maximum.
ORDERING INFORMATION
5KP CA
Voltage Bi-Directional 5% Voltage Tolerance Packaging Option B = Bulk (500 pcs) T = Tape and reeled (800 pcs)
298
Mechanical Specifications:
Weight: Case: Mounting Position: Polarity: Terminal:
0.07 ounce, 2.1 gram Molded plastic over glass passivated junction Any Color band denotes positive end (cathode) except Bipolar Plated Axial leads, solderable per MIL-STD-750, Method 2026
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
5000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
5KP Series
Part Numbers Reverse Stand off Voltage VR (Volts) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0 190.0 200.0 210.0 220.0 Breakdown Voltage VBR (Volts) @ IT MIN 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.00 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 110.00 122.00 133.00 144.00 167.00 178.00 189.00 200.00 211.00 222.00 233.00 244.00 MAX 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 221.00 233.00 246.00 258.00 270.00 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Test Current IT (mA) Maximum Clamping Voltage VC @ IPP (Volts) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 292.0 310.0 329.2 349.5 371.1 Maximum Peak Pulse Current IPP (A) 544.0 486.0 447.0 417.0 388.0 368.0 348.0 325.0 295.0 275.0 252.0 233.0 216.0 205.0 193.0 181.0 172.0 154.0 141.0 129.0 119.0 110.0 103.0 93.9 86.1 77.6 72.1 68.8 64.7 60.7 57.5 53.5 51.7 48.6 44.3 41.4 39.7 36.5 34.3 30.9 28.3 26.0 24.0 20.6 19.3 18.2 17.6 9.7 9.1 8.6 8.1 Maximum Reverse Leakage IR @ VR (A) 5000 5000 2000 1000 250 150 50 20 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
(R)
ELECTRICAL SPECIFICATION @ Tamb 25C
Uni-Polar 5KP5.0A 5KP6.0A 5KP6.5A 5KP7.0A 5KP7.5A 5KP8.0A 5KP8.5A 5KP9.0A 5KP10A 5KP11A 5KP12A 5KP13A 5KP14A 5KP15A 5KP16A 5KP17A 5KP18A 5KP20A 5KP22A 5KP24A 5KP26A 5KP28A 5KP30A 5KP33A 5KP36A 5KP40A 5KP43A 5KP45A 5KP48A 5KP51A 5KP54A 5KP58A 5KP60A 5KP64A 5KP70A 5KP75A 5KP78A 5KP85A 5KP90A 5KP100A 5KP110A 5KP120A 5KP130A 5KP150A 5KP160A 5KP170A 5KP180A 5KP190A 5KP200A 5KP210A 5KP220A
Bi-Polar 5KP5.0CA 5KP6.0CA 5KP6.5CA 5KP7.0CA 5KP7.5CA 5KP8.0CA 5KP8.5CA 5KP9.0CA 5KP10CA 5KP11CA 5KP12CA 5KP13CA 5KP14CA 5KP15CA 5KP16CA 5KP17CA 5KP18CA 5KP20CA 5KP22CA 5KP24CA 5KP26CA 5KP28CA 5KP30CA 5KP33CA 5KP36CA 5KP40CA 5KP43CA 5KP45CA 5KP48CA 5KP51CA 5KP54CA 5KP58CA 5KP60CA 5KP64CA 5KP70CA 5KP75CA 5KP78CA 5KP85CA 5KP90CA 5KP100CA 5KP110CA 5KP120CA 5KP130CA 5KP150CA 5KP160CA 5KP170CA 5KP180CA 5KP190CA 5KP200CA 5KP210CA 5KP220CA
6
SILICON DIODE ARRAYS
299
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
5000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
5KP Series
100
Non-repetitive pulse waveform shown in Fig.3 TA=25C
(R)
Ratings and Characteristic Curves TA=25C unless otherwise noted
100
PPPM- Peak Pulse Power (kW)
10
Peak Pulse Power (KW)
75
50
1
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
0
25
50
75
100 125 150 175 200
td- Pulse Width (sec.)
TA- Ambient Temperature (C)
Fig. 1 Peak Pulse Power Rating Curve
150
IPPM- Peak Pulse Current, % I RSM tr=10sec Peak Value IPPM
2
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
Fig. 2 Pulse Derating Curve
100000
CJ-Junction Capacitance (pF)
TJ=25C f=1MH2 Vsig=50mVp-p
100
10000
Measured at Stand-off Voltage
Half Value IPPM
50
10/1000sec. Waveform as defined by R.E.A
1000
td
0
100 1.0 2.0
t-Time (ms)
0
3.0
4.0
1
10
Vbr, Breakdown Voltage
100 200
Fig. 3 Pulse Waveform
Steady State Power Dissipation (W) 60HZ Resistive or Inductive Load
Fig. 4- Typical Junction Capacitance
IFSM, Peak Forward Surge Current (A)
8
400 350 300 250 200 150 100 1 10
Number of Cycles at 60HZ
8.3ms Single Half Sine-Wave
6
L=0.375(9.5mm) Lead Lengths
4
2
0.8x0.8x.040'' (20x20mm) Copper Heat Sinks
0
0
25
50
75 100 125 150 175 200
TL- Lead Temperature (C)
100
Fig. 5 Steady State Power Derating Curve
300
Fig. 6- Maximum Non-repetitive Forward Surge Current
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
5000 Watt Axial Leaded Transient Voltage Suppressor
RoHS
5KP Series
Case Style P600
(R)
Package Outline Dimensions
1.0 (25.4) MIN. 0.360 (9.1) 0.340 (8.6) DIA. 0.360 (9.1) 0.340 (8.6)
6
SILICON DIODE ARRAYS
0.052 (1.32) 0.048 (1.22) DIA.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
w w w. l i t t e l f u s e . c o m
301


▲Up To Search▲   

 
Price & Availability of 5KP120A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X